Part Number Hot Search : 
MM1245CD RB715S3 DS1318 11EFS2 KTC4527F F10020 LTPBY 2SC5148
Product Description
Full Text Search
 

To Download MMBD4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBD4148W, MMBD4448W
SURFACE MOUNT SWITCHING DIODES
VOLTAGE 75 Volts FEATURES
* Fast switching speed. * Surface mount package Ideally Suited for Automatic insertion * Electrically Identical to Standard JEDEC * High Conductance
POWER
200 mWatts
PACKAGE
SOT-323
MECHANICAL DATA
Case: SOT-323, Plastic Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight: 0.008 gram Marking: A2, A3
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. PARAMETER Reverse Voltage Peak Reverse Voltage Rectified Current (Average), Half Wave Rectification with Resistive Load and f >=50 Hz Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Power Dissipation Derate Above 25OC Maximum Forward Voltage @ IF=5mA @ IF=10mA SYMBOL VR VRM IO IFSM PTOT VF IR CJ TRR RJA TJ MMBD4148W 75 100 150 2.0 200 1.0 2.5 4.0 4.0 357 -55 TO +125 MMBD4448W 75 100 150 4.0 200 0.72 1.0 2.5 4.0 4.0
O
UNITS V V mA A mW V A pF ns C/W
O
Maximum DC Reverse Current at Rated DC Blocking Voltage TJ= 25OC Typical Junction Capacitance( Notes1) Maximum Reverse Recovery (Notes2) Maximum Thermal Resistance Storage Temperature Range
NOTE: 1. CJ at VR=0, f=1MHZ 2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
C
SINGLE
MMBD4148W, MMBD4448W
Part Number: MMBD4148W, MMBD4448W
PAGE 1
RATING and CHARACTERISTIC CURVES
10
10
TA=150OC
REVERSE CURRENT, mA
FORWARD CURRENT, mA
1.0
TA=125OC
1.0
0.1
TA=85 C
O
0.1
TA=55OC
0.01
TA=25 C
0.01 0.2 0.001 0.4 0.6 0.8 1.0 1.2 0 10 20 30 40 50
O
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
FORWARD VOLTAGE
LEAKAGE CURRENT
6.0
DIODE CAPACITANCE, pF
4.5
3.5
60 W
VRF=2V
2nF
5k W
Vo
1.5
0
0
2
4
6
8
RECTIFICATION EFFCIENCY MEASUREMENT CIRCUIT
REVERSE VOLTAGE, Volts
TYPICAL CAPATICANCE
Part Number: MMBD4148W, MMBD4448W
PAGE 2
OUTLINE DRAWING
SOT-323
.004(.10) MIN.
.087(2.20) .070(1.80) .054(1.35) .045(1.15)
.056(1.40) .047(1.20) .004(.10) MAX.
.006(.15) .002(.05)
.016(.40) .078(.20)
Dimensions in inches and (millimeters)
(c) Copyright PanjIt International Inc. 2001 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. PanJit Internatioal Inc. TEL:886-7-6213121 Fax:886-7-6213129 Internet: http://www.panjit.com.tw email: sales@panjit.com.tw
Part Number: MMBD4148W, MMBD4448W
.044(1.10) .035(.90)
.087(2.20) .078(2.00)
PAGE 3


▲Up To Search▲   

 
Price & Availability of MMBD4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X